Part Number Hot Search : 
240L0321 002000 DL6LA 50124 0209XXXX LT1019 ZX8510 MBT2369
Product Description
Full Text Search
 

To Download 039-51010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 24 lt2007 (9/07) laminated transformers type ui30 / 5.5 - 2va 3 2,5 (0.098) 157 44 (1.73) 37,5 (1.48) 47,5 (1.87) 53 (2.09) 14 16 12 7x5 ( 7x0.2 ) 36 10 (1.41) 35 ( 1.38 ) pin ? 0,8 mm (pin dia. 0.031) 17 (0.67) (0.39) 4 (0.16) 40 ? 2,1 (0.083) 7 (0.28) 10 (1.57) mechanical schematics 3 157 230 v 3 157 3 157 3 157 double voltage sec 2 sec 1 sec 2 sec 1 10 12 16 14 115 v 10 12 14 16 115 v 115 v 10 12 14 16 115 v 115 v 10 12 14 16 double current 2x115 6/166 / 6/166 9.10/9.10 030-6866.0 1/3 * 2x115 9/111 / 9/111 13.60/13.60 030-6869.0 1/3 * 2x115 12/83 / 12/83 17.60/17.60 030-6872.0 1/3 * 2x115 15 /66 / 15/66 23.00/23.00 030-6875.0 1/3 * 2x115 18/55 / 18/55 24.80/24.80 030-6878.0 1/3 * 2x115 21/47 / 21/47 30.50/30.50 030-6881.0 1 *note: when checking the approval status of this product with vde, add the prefix " bv " and the suffix " l " to the orderable part number (these letters will also be found on the part label). the prefix and suffix are not part of the orderable part number. primary secondary no-load part agency (v) (v / ma) voltage (v) number approvals 1 frequency 50/60hz potted under vacuum split-bobbin temperature class t a 70c/b weight: 0.115kg packaging unit: 15 pieces (tray) fixing material for 2,5mm (0.098 inch) ? self-tapping screws: din 7513 (m 3x8) ? sheet-metal screws: din 7971 (2,9x6,5) agency approvals 1. ul 506, file e113449 3. en61558   
usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 25 lt2007 (9/07) laminated transformers type ui30 / 7.5 - 4va 3 2,5 (0.098) 157 44 (1.73) 37,5 (1.48) 47,5 (1.87) 53 (2.09) 14 16 12 7x5 (7x0.2) 36 10 (1.41) 35 (1.38) pin ? 0,8 mm (pin dia. 0.031) 19 (0.75) (0.39) 4 (0.16) 7 (0.28) 40 ? 2,1 (0.083) 10 (1.57) mechanical schematics 3 157 230 v 3 157 3 157 3 157 double voltage sec 2 sec 1 sec 2 sec 1 10 12 16 14 115 v 10 12 14 16 115 v 115 v 10 12 14 16 115 v 115 v 10 12 14 16 double current 2x115 6/333 / 6/333 8.60/8.60 030-6935.0 1/3 * 2x115 9/222 / 9/222 12.40/12.40 030-6938.0 1/3 * 2x115 12/166 / 12/166 15.90/15.90 030-6941.0 1/3 * 2x115 15/133 / 15/133 20.80/20.80 030-6944.0 1/3 * 2x115 18/111 / 18/111 24.30/24.30 030-6947.0 1/3 * 2x115 21/95 / 21/95 28.10/28.10 030-6950.0 1 *note: when checking the approval status of this product with vde, add the prefix " bv " and the suffix " l " to the orderable part number (these letters will also be found on the part label). the prefix and suffix are not part of the orderable part number. primary secondary no-load part agency (v) (v / ma) voltage (v) number approvals 1 frequency 50/60hz potted under vacuum split-bobbin temperature class t a 70c/b weight: 0.145kg packaging unit: 15 pieces (tray) fixing material for 2,5mm (0.098 inch) ? self-tapping screws: din 7513 (m 3x8) ? sheet-metal screws: din 7971 (2,9x6,5) agency approvals 1. ul 506, file e113449 3. en61558   
usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 26 lt2007 (9/07) laminated transformers type ui30 / 10.5 - 6va 3 2,5 (0.098) 157 44 (1.73) 37,5 (1.48) 47,5 (1.87) 53 (2.09) 14 16 12 7x5 ( 7x0.2 ) 36 10 (1.41) 35 ( 1.38 ) pin ? 0,8 mm (pin dia. 0.031) 22 (0.87) (0.39) 4 (0.16) 7 (0.28) 40 ? 2,1 (0.083) 10 (1.57) mechanical schematics 3 157 230 v 3 157 3 157 3 157 double voltage sec 2 sec 1 sec 2 sec 1 10 12 16 14 115 v 10 12 14 16 115 v 115 v 10 12 14 16 115 v 115 v 10 12 14 16 double current 2x115 6/500 / 6/500 8.50/8.50 030-7004.0 1/3 * 2x115 9/333 / 9/333 12.70/12.70 030-7007.0 1/3 * 2x115 12/250 / 12/250 16.30/16.30 030-7010.0 1/3 * 2x115 15/200 / 15/200 20.30/20.30 030-7013.0 1/3 * 2x115 18/166 / 18/166 24.30/24.30 030-7016.0 1/3 * 2x115 21/142 / 21/142 28.30/28.30 030-7019.0 1 *note: when checking the approval status of this product with vde, add the prefix " bv " and the suffix " l " to the orderable part number (these letters will also be found on the part label). the prefix and suffix are not part of the orderable part number. primary secondary no-load part agency (v) (v / ma) voltage (v) number approvals 1 frequency 50/60hz potted under vacuum split-bobbin temperature class t a 40c/b weight: 0.175kg packaging unit: 15 pieces (tray) fixing material for 2,5mm (0.098 inch) ? self-tapping screws: din 7513 (m 3x8) ? sheet-metal screws: din 7971 (2,9x6,5) agency approvals 1. ul 506, file e113449 3. en61558   
usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 27 lt2007 (9/07) laminated transformers type ui30 / 16.5 - 10va 3 2,5 (0.098) 157 44 (1.73) 37,5 (1.48) 47,5 (1.87) 53 (2.09) 14 16 12 7x5 ( 7x0.2 ) 36 10 (1.41) 35 (1.38) pin ? 0,8 mm ( pin dia. 0.031 ) 28 (0.39) 4 (0.16) 40 ? 2,1 (0.083) 7 (0.28) (1.10) 10 (1.57) mechanical schematics 3 157 230 v 3 157 3 157 3 157 double voltage sec 2 sec 1 sec 2 sec 1 10 12 16 14 115 v 10 12 14 16 115 v 115 v 10 12 14 16 115 v 115 v 10 12 14 16 double current 2x115 6/833 / 6/833 9.00/9.00 030-7073.0 1/3 * 2x115 9/555 / 9/555 13.40/13.40 030-7076.0 1/3 * 2x115 12/416 / 12/416 17.20/17.20 030-7079.0 1/3 * 2x115 15/333/ / 15/333 21.70/21.70 030-7082.0 1/3 * 2x115 18/277 / 18/277 24.80/24.80 030-7085.0 1/3 * 2x115 21/238 / 21/238 29.50/29.50 030-7088.0 1 *note: when checking the approval status of this product with vde, add the prefix " bv " and the suffix " l " to the orderable part number (these letters will also be found on the part label). the prefix and suffix are not part of the orderable part number. primary secondary no-load part agency (v) (v / ma) voltage (v) number approvals 1 frequency 50/60hz potted under vacuum split-bobbin temperature class t a 40c/b weight: 0.24kg packaging unit: 15 pieces (tray) fixing material for 2,5mm (0.098 inch) ? self-tapping screws: din 7513 (m 3x8) ? sheet-metal screws: din 7971 (2,9x6,5) agency approvals 1. ul 506, file e113449 3. en61558   
usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 28 lt2007 (9/07) laminated transformers type ui39 / 8 - 10va 4 2,5 (0.098) 169 17 19 14 12 57 (2.24) 50 (1.97) 62,5 (2.46) 68 (2.68) 4x5 ( 4x0.2 ) 4x5 ( 4x0.2 ) 6 ( 0.24 ) 50 (1.97) 45 (1.77) pin ? 0,8 mm (pin dia. 0.031) 22 (0.87) (0.39) 9 (0.36) 4 (0.16) 55 (2.17) ? 2,1 (0.083) 10 mechanical schematics 4 169 230 v sec 1 sec 2 double voltage sec 1 sec 2 4 169 17 19 14 12 4 169 17 19 14 12 4 169 17 19 14 12 12 14 17 19 115 v 115 v 115 v 115 v 115 v double current 2x115 6/833 / 6/833 8.50/8.50 039-5026.0 1/3 * 2x115 9/555 / 9/555 12.40/12.40 039-5029.0 1/3 * 2x115 12/416 / 12/416 15.90/15.90 039-5032.0 1/3 * 2x115 15/333 / 15/333 20.30/20.30 039-5035.0 1/3 * 2x115 18/277 / 18/277 24.30/24.30 039-5038.0 1/3 * 2x115 21/238 / 21/238 28.10/28.10 039-5041.0 1 *note: when checking the approval status of this product with vde, add the prefix " bv " and the suffix " l " to the orderable part number (these letters will also be found on the part label). the prefix and suffix are not part of the orderable part number. primary secondary no-load part agency (v) (v / ma) voltage (v) number approvals 1 frequency 50/60hz potted under vacuum split-bobbin temperature class t a 40c/b weight: 0.28kg packaging unit: 10 pieces (tray) fixing material for 2,5mm (0.098 inch) ? self-tapping screws: din 7513 (m 3x8) ? sheet-metal screws: din 7971 (2,9x6,5) agency approvals 1. ul 506, file e113449 3. en61558   
usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 29 lt2007 (9/07) laminated transformers type ui39 / 10.2 - 14va 4 2,5 (0.098) 169 17 19 14 12 57 (2.24) 50 (1.97) 62,5 (2.46) 68 (2.68) 4x5 (4x0.2) 4x5 (4x0.2) 6 (0.24) 50 (1.97) 4 (0.16) 45 (1.77) pin ? 0,8 mm (pin dia. 0.031) 24 (0.95) (0.39) 9 (0.36) 55 (2.17) ? 2,1 (0.083) 10 mechanical schematics 4 169 230 v sec 1 sec 2 double voltage sec 1 sec 2 4 169 17 19 14 12 4 169 17 19 14 12 4 169 17 19 14 12 12 14 17 19 115 v 115 v 115 v 115 v 115 v double current 2x115 6/1166 / 6/1166 7.80/7.80 039-5095.0 1/3 * 2x115 9/777 / 9/777 11.20/11.20 039-5098.0 1/3 * 2x115 12/583 / 12/583 14.80/14.80 039-5101.0 1/3 * 2x115 15/466 / 15/466 18.80/18.80 039-5104.0 1/3 * 2x115 18/388 / 18/388 22.70/22.70 039-5107.0 1/3 * 2x115 21/333 / 21/333 24.80/24.80 039-5110.0 1/3 * *note: when checking the approval status of this product with vde, add the prefix " bv " and the suffix " l " to the orderable part number (these letters will also be found on the part label). the prefix and suffix are not part of the orderable part number. primary secondary no-load part agency (v) (v / ma) voltage (v) number approvals 1 frequency 50/60hz potted under vacuum split-bobbin temperature class t a 40c/b weight: 0.315kg packaging unit: 10 pieces (tray) fixing material for 2,5mm (0.098 inch) ? self-tapping screws: din 7513 (m 3x8) ? sheet-metal screws: din 7971 (2,9x6,5) agency approvals 1. ul 506, file e113449 3. en61558   
usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 30 lt2007 (9/07) laminated transformers type ui39 / 13.5 - 18va 4 2,5 (0.098) 169 17 19 14 12 57 (2.24) 50 (1.97) 62,5 (2.46) 68 (2.68) 4x5 (4x0.2) 4x5 (4x0.2) 6 (0.24) 50 (1.97) 45 ( 1.77 ) pin ? 0,8 mm (pin dia. 0.031) 27 (1.06) (0.39) 9 (0.36) 4 (0.16) 55 (2.17) ? 2,1 (0.083) 10 mechanical schematics 4 169 230 v sec 1 sec 2 double voltage sec 1 sec 2 4 169 17 19 14 12 4 169 17 19 14 12 4 169 17 19 14 12 12 14 17 19 115 v 115 v 115 v 115 v 115 v double current 2x115 6/1500 / 6/1500 8.40/8.40 039-5164.0 1/3 * 2x115 9/1000 / 9/1000 11.60/11.60 039-5167.0 1/3 * 2x115 12/750 / 12/750 15.30/15.30 039-5170.0 1/3 * 2x115 15/600 / 15/600 19.40/19.40 039-5173.0 1/3 * 2x115 18/500 / 18/500 22.50/22.50 039-5176.0 1/3 * 2x115 21/428 / 21/428 24,60/24.60 039-5179.0 1/3 * *note: when checking the approval status of this product with vde, add the prefix " bv " and the suffix " l " to the orderable part number (these letters will also be found on the part label). the prefix and suffix are not part of the orderable part number. primary secondary no-load part agency (v) (v / ma) voltage (v) number approvals 1 frequency 50/60hz potted under vacuum split-bobbin temperature class t a 40c/b weight: 0.375kg packaging unit: 10 pieces (tray) fixing material for 2,5mm (0.098 inch) ? self-tapping screws: din 7513 (m 3x8) ? sheet-metal screws: din 7971 (2,9x6,5) agency approvals 1. ul 506, file e113449 3. en61558   
usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 31 lt2007 (9/07) laminated transformers type ui39 / 17 - 24va 4 2,5 (0.098) 169 17 19 14 12 57 (2.24) 50 (1.97) 62,5 (2.46) 68 (2.68) 4x5 (4x0.2) 4x5 (4x0.2) 6 (0.24) 50 (1.97) 45 (1.77) pin ? 0,8 mm (pin dia. 0.031) (1.22) (0.39) 9 (0.36) 4 (0.16) 55 (2.17) ? 2,1 (0.083) 31 10 mechanical schematics 4 169 230 v sec 1 sec 2 double voltage sec 1 sec 2 4 169 17 19 14 12 4 169 17 19 14 12 4 169 17 19 14 12 12 14 17 19 115 v 115 v 115 v 115 v 115 v double current 2x115 6/2000 / 6/2000 8.10/8.10 039-5233.0 1/3 * 2x115 9/1333 / 9/1333 11.10/11.10 039-5236.0 1/3 * 2x115 12/1000 / 12/1000 14.40/14.40 039-5239.0 1/3 * 2x115 15/800 / 15/800 19.20/19.20 039-5242.0 1/3 * 2x115 18/666 / 18/666 22.10/22.10 039-5245.0 1/3 * 2x115 21/571 / 21/571 24.70/24.70 039-5248.0 1/3 * *note: when checking the approval status of this product with vde, add the prefix " bv " and the suffix " l " to the orderable part number (these letters will also be found on the part label). the prefix and suffix are not part of the orderable part number. primary secondary no-load part agency (v) (v / ma) voltage (v) number approvals 1 frequency 50/60hz potted under vacuum split-bobbin temperature class t a 40c/b weight: 0.445kg packaging unit: 10 pieces (tray) fixing material for 2,5mm (0.098 inch) ? self-tapping screws: din 7513 (m 3x8) ? sheet-metal screws: din 7971 (2,9x6,5) agency approvals 1. ul 506, file e113449 3. en61558   
usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 769 85538070 ? ? taiwan 886 3 4641811 www.pulseeng.com 32 lt2007 (9/07) laminated transformers type ui39 / 21 - 30va 4 2,5 (0.098) 169 17 19 14 12 57 (2.24) 50 (1.97) 62,5 (2.46) 68 (2.68) 4x5 ( 4x0.2 ) 4x5 ( 4x0.2 ) 6 ( 0.24 ) 50 (1.97) 45 (1.77) pin ? 0,8 mm ( pin dia. 0.031 ) 35 (1.38) (0.39) 9 (0.36) 4 (0.16) 55 (2.17) ? 2,1 (0.083) 10 mechanical schematics 4 169 230 v sec 1 sec 2 double voltage sec 1 sec 2 4 169 17 19 14 12 4 169 17 19 14 12 4 169 17 19 14 12 12 14 17 19 115 v 115 v 115 v 115 v 115 v double current 2x115 6/2500 / 6/2500 6.70/6.70 039-5302.0 1/3 * 2x115 9/1666 / 9/1666 10.30/10.30 039-5305.0 1/3 * 2x115 12/1250 / 12/1250 13.80/13.80 039-5308.0 1/3 * 2x115 15/1000 / 15/1000 17.20/17.20 039-5311.0 1/3 * 2x115 18/833 / 18/833 20.60/20.60 039-5314.0 1/3 * 2x115 21/714 / 21/714 23.50/23.50 039-5317.0 1/3 * *note: when checking the approval status of this product with vde, add the prefix " bv " and the suffix " l " to the orderable part number (these letters will also be found on the part label). the prefix and suffix are not part of the orderable part number. primary secondary no-load part agency (v) (v / ma) voltage (v) number approvals 1 frequency 50/60hz potted under vacuum split-bobbin temperature class t a 40c/b weight: 0.53kg packaging unit: 10 pieces (tray) fixing material for 2,5mm (0.098 inch) ? self-tapping screws: din 7513 (m 3x8) ? sheet-metal screws: din 7971 (2,9x6,5) agency approvals 1. ul 506, file e113449 3. en61558   


▲Up To Search▲   

 
Price & Availability of 039-51010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X